Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AVR1908 Fiches technique(PDF) 3 Page - ATMEL Corporation

No de pièce AVR1908
Description  Two buttons
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR1908 Fiches technique(HTML) 3 Page - ATMEL Corporation

  AVR1908 Datasheet HTML 1Page - ATMEL Corporation AVR1908 Datasheet HTML 2Page - ATMEL Corporation AVR1908 Datasheet HTML 3Page - ATMEL Corporation AVR1908 Datasheet HTML 4Page - ATMEL Corporation AVR1908 Datasheet HTML 5Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AVR1908
3
8275A-AVR-04/10
AT90USB1287 device, and to power the QTouch Xplained & Xplain boards. Refer to
Figure 2-2 to see how to connect to the PC.
• Connect an USB cable to the Xplain board and the host PC.
• If programmed correctly (see section Error! Reference source not found.), the
board will register as a Human Interface Device (HID), so no driver installation is
required for most modern operating systems.
• Launch QTouch Studio and wait for the Xplain board to register.
Figure 2-2 Connecting the QTouch Xplained & Xplain to the PC
3 Quick introduction to the QTouch Xplained features
The best way to learn how to use the QTouch Xplained is to go through the QTouch
Xplained training. This training is included in the zip file that is distributed with this
application note.
The QTouch Xplained consists of:
Figure 3-1 Slider



Html Pages

1 2 3 4 5