| Moteur de recherche de fiches techniques de composants électroniques |
|
AVR1908 Fiches technique(PDF) 2 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AVR1908 Fiches technique(HTML) 2 Page - ATMEL Corporation |
|
2 / 5 page ![]() 2 AVR1908 8275A-AVR-04/10 2 Getting started 2.1 Programming the firmware for the Xplain board In order to get the QTouch board up and running the AT90USB1287 and ATxmega128A1 device mounted on the Xplain board needs to be programmed. The required firmware is included in the .zip file following this application note. For a detailed description about programming the Xplain board, please refer to application note AVR1921. 2.2 Connecting the QTouch Xplained The QTouch Xplained needs to be connected to the Xplain in order to demonstrate QTouch and the QTouch library features. This section provides all information needed to connect the QTouch Xplained add-on board to the Xplain mother board, and then connecting the bundle to the PC host in order to use it with QTouch Studio. 2.2.1 Connecting the QTouch Xplained to Xplain The QTouch Xplained uses four 10-pin headers to connect to Xplain. This makes it easy to connect and disconnect the QTouch Xplained from the Xplain board. Note that the female SMD mounted pin-headers might get damaged if not handled carefully. The plastic insulation might come off and exposes the conductors. Refer to Figure 2-1 for an illustration how to connect the two boards together. • Attach the QTouch Xplained to the Xplain board. The QTouch Xplained is connected to the Xplain board by connecting the four 10-pin headers on the QTouch Xplained (female) to the four 10-pin headers on the Xplain (male). • The text orientation should be the same on both kits. • Ensure that all four pin headers are properly connected. Figure 2-1 Connecting the QTouch Xplained to the Xplain board 2.2.2 Connecting the QTouch Xplained & Xplain to the PC The Xplain board must be connected to a host PC using an USB cable. The USB connection is used for communication between the QTouch Studio and the |