Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TIP120 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce TIP120
Description  Complementary power Darlington transistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP120 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button TIP120_08 Datasheet HTML 5Page - STMicroelectronics TIP120_08 Datasheet HTML 6Page - STMicroelectronics TIP120_08 Datasheet HTML 7Page - STMicroelectronics TIP120_08 Datasheet HTML 8Page - STMicroelectronics TIP120_08 Datasheet HTML 9Page - STMicroelectronics TIP120_08 Datasheet HTML 10Page - STMicroelectronics TIP120_08 Datasheet HTML 11Page - STMicroelectronics TIP120_08 Datasheet HTML 12Page - STMicroelectronics TIP120_08 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
TIP120, TIP121, TIP122, TIP125, TIP126, TIP127
Package mechanical data
11/13
DIM.
mm.
MIN.
TYP
MAX.
A
4.47
4.67
b
0.70
0.91
b1
1.17
1.37
c0.31
0.53
D
14.60
15.70
E
9.96
10.36
e2.54
e1
4.98
5.08
5.18
F
1.17
1.37
H1
6.10
6.80
J1
2.52
2.82
L
12.70
13.80
L1
3.20
3.96
L20
15.21
16.77
øP
3.733.94
Q
2.59
2.89
TO-220 type E mechanical data
7655923_B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13