Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TIP120 Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce TIP120
Description  Complementary power Darlington transistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP120 Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button TIP120_08 Datasheet HTML 4Page - STMicroelectronics TIP120_08 Datasheet HTML 5Page - STMicroelectronics TIP120_08 Datasheet HTML 6Page - STMicroelectronics TIP120_08 Datasheet HTML 7Page - STMicroelectronics TIP120_08 Datasheet HTML 8Page - STMicroelectronics TIP120_08 Datasheet HTML 9Page - STMicroelectronics TIP120_08 Datasheet HTML 10Page - STMicroelectronics TIP120_08 Datasheet HTML 11Page - STMicroelectronics TIP120_08 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Test circuits
TIP120, TIP121, TIP122, TIP125, TIP126, TIP127
8/13
3
Test circuits
Figure 18.
Resistive load switching for NPN type
Figure 19.
Resistive load switching for PNP type
1) Fast electronic switch
2) Non-inductive resistor
1) Fast electronic switch
2) Non-inductive resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13