| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8377E Fiches technique(PDF) 60 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8377E Fiches technique(HTML) 60 Page - Freescale Semiconductor, Inc |
|
60 / 126 page ![]() MPC8377E PowerQUICC II Pro Processor Hardware Specifications, Rev. 4 60 Freescale Semiconductor PCI Express Figure 39 provides the AC test load for PCI. Figure 39. PCI AC Test Load Figure 40 shows the PCI input AC timing conditions. Figure 40. PCI Input AC Timing Measurement Conditions Figure 41 shows the PCI output AC timing conditions. Figure 41. PCI Output AC Timing Measurement Condition 15 PCI Express This section describes the DC and AC electrical specifications for the PCI Express bus. 15.1 DC Requirements for PCI Express SD_REF_CLK and SD_REF_CLK For more information see Section 21, “High-Speed Serial Interfaces (HSSI).” Output Z0 = 50 Ω OVDD/2 RL = 50 Ω tPCIVKH CLK Input tPCIXKH CLK Output Delay tPCKHOV High-Impedance tPCKHOZ Output tPCKHOX |