| Moteur de recherche de fiches techniques de composants électroniques |
|
ADSP-BF504 Fiches technique(PDF) 76 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-BF504 Fiches technique(HTML) 76 Page - Analog Devices |
|
76 / 80 page ![]() Rev. PrC | Page 76 of 80 | January 2010 ADSP-BF504/F,ADSP-BF506F Preliminary Technical Data Table 55. 88-Lead LFCSP Lead Assignment (Numerically by Lead Number) Lead No. Signal Lead No. Signal Lead No. Signal Lead No. Signal 1NMI 23 TDI 45 NC 67 GND 2RESET 24 TCK 46 NC 68 CLKIN 3 GND 25 TMS 47 NC 69 XTAL 4 PF10 26 TRST 48 NC 70 VDDEXT 5VDDEXT 27 TDO 49 BMODE2 71 PH0 6 PF11 28 PG5 50 BMODE1 72 PH1 7 GND 29 PG6 51 BMODE0 73 PH2 8 PF12 30 PG7 52 VDDEXT 74 VDDEXT 9 PF13 31 VDDEXT 53 VDDINT 75 VDDINT 10 VDDEXT 32 VDDINT 54 VDDEXT 76 PF0 11 PF14 33 PG8 55 VDDFLASH 77 PF1 12 PF15 34 PG9 56 VDDEXT 78 EXTCLK 13 VDDEXT 35 PG10 57 VDDINT 79 VDDEXT 14 VDDINT 36 PG11 58 VDDEXT 80 PF2 15 VDDFLASH 37 PG12 59 VDDEXT 81 PF3 16 VDDEXT 38 PG13 60 EMU 82 PF4 17 PG0 39 PG14 61 VDDFLASH 83 PF5 18 PG1 40 PG15 62 EXT_WAKE 84 VDDEXT 19 PG2 41 VDDEXT 63 PG 85 PF6 20 VDDEXT 42 VDDINT 64 NC 86 PF7 21 PG3 43 SDA 65 NC 87 PF8 22 PG4 44 SCL 66 NC 88 PF9 89* GND * Pin no. 89 is the GND supply (see Figure 98) for the processor; this pad must connect to GND. |