Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADSP-BF504 Fiches technique(PDF) 75 Page - Analog Devices

No de pièce ADSP-BF504
Description  Blackfin Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF504 Fiches technique(HTML) 75 Page - Analog Devices

Back Button ADSP-BF504 Datasheet HTML 71Page - Analog Devices ADSP-BF504 Datasheet HTML 72Page - Analog Devices ADSP-BF504 Datasheet HTML 73Page - Analog Devices ADSP-BF504 Datasheet HTML 74Page - Analog Devices ADSP-BF504 Datasheet HTML 75Page - Analog Devices ADSP-BF504 Datasheet HTML 76Page - Analog Devices ADSP-BF504 Datasheet HTML 77Page - Analog Devices ADSP-BF504 Datasheet HTML 78Page - Analog Devices ADSP-BF504 Datasheet HTML 79Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 80 page
background image
Preliminary Technical Data
Rev. PrC
|
Page 75 of 80
|
January 2010
ADSP-BF504/F,ADSP-BF506F
88-LEAD LFCSP LEAD ASSIGNMENT
Table 54 lists the LFCSP leads by signal mnemonic.
Table 55 on Page 76 lists the LFCSP by lead number.
Table 54. 88-Lead LFCSP Lead Assignment (Alphabetically by Signal)
Signal
Lead
No.
Signal
Lead
No.
Signal
Lead
No.
Signal
Lead
No.
BMODE0
51
PF4
82
PG9
34
VDDEXT
20
BMODE1
50
PF5
83
PG10
35
VDDEXT
31
BMODE2
49
PF6
85
PG11
36
VDDEXT
41
CLKIN
68
PF7
86
PG12
37
VDDEXT
52
EMU
60
PF8
87
PG13
38
VDDEXT
54
EXT_WAKE
62
PF9
88
PG14
39
VDDEXT
56
EXTCLK
78
PF10
4
PG15
40
VDDEXT
58
GND
3
PF11
6
PH0
71
VDDEXT
59
GND
7
PF12
8
PH1
72
VDDEXT
70
GND
67
PF13
9
PH2
73
VDDEXT
74
NC
45
PF14
11
RESET
2VDDEXT
79
NC
46
PF15
12
SCL
44
VDDEXT
84
NC
47
PG
63
SDA
43
VDDFLASH
15
NC
48
PG0
17
TCK
24
VDDFLASH
55
NC
64
PG1
18
TDI
23
VDDFLASH
61
NC
65
PG2
19
TDO
27
VDDINT
14
NC
66
PG3
21
TMS
25
VDDINT
32
NMI
1PG4
22
TRST
26
VDDINT
42
PF0
76
PG5
28
VDDEXT
5VDDINT
53
PF1
77
PG6
29
VDDEXT
10
VDDINT
57
PF2
80
PG7
30
VDDEXT
13
VDDINT
75
PF3
81
PG8
33
VDDEXT
16
XTAL
69
GND
89*
* Pin no. 89 is the GND supply (see Figure 98) for the processor; this pad must connect to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80