Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8315ECVRAGDA Fiches technique(PDF) 91 Page - Freescale Semiconductor, Inc

No de pièce MPC8315ECVRAGDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8315ECVRAGDA Fiches technique(HTML) 91 Page - Freescale Semiconductor, Inc

Back Button MPC8315ECVRAGDA Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8315ECVRAGDA Datasheet HTML 95Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 112 page
background image
MPC8315E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 0
Freescale Semiconductor
91
Package and Pin Listings
TSEC2_RXD[3]
C10
I
LVDD2_ON
—
TSEC2_RXD[2]
D10
I
LVDD2_ON
—
TSEC2_RXD[1]
A9
I
LVDD2_ON
—
TSEC2_RXD[0]
B9
I
LVDD2_ON
—
TSEC2_RX_ER
A10
I
LVDD2_ON
—
TSEC2_TX_CLK
D8
I
LVDD2_ON
—
TSEC2_TXD[3]/CFG_RESET_SOURCE[0]
D11
I/O
LVDD2_ON
—
TSEC2_TXD[2]/CFG_RESET_SOURCE[1]
C7
I/O
LVDD2_ON
—
TSEC2_TXD[1]/CFG_RESET_SOURCE[2]
E8
I/O
LVDD2_ON
—
TSEC2_TXD[0]/CFG_RESET_SOURCE[3]
B7
I/O
LVDD2_ON
—
TSEC2_TX_EN
D12
O
LVDD2_ON
—
TSEC2_TX_ER
B11
O
LVDD2_ON
—
SGMII / PCIe PHY
TXA
P4
O
XPADVDD
—
TXA
N4
O
XPADVDD
—
RXA
R1
I
XCOREVDD
—
RXA
P1
I
XCOREVDD
—
TXB
U4
O
XPADVDD
—
TXB
V4
O
XPADVDD
—
RXB
U1
I
XCOREVDD
—
RXB
V1
I
XCOREVDD
—
SD_IMP_CAL_RX
N3
I
XCOREVDD
—
SD_REF_CLK
R4
I
XCOREVDD
—
SD_REF_CLK
R5
I
XCOREVDD
—
SD_PLL_TPD
T2
O
—
—
SD_IMP_CAL_TX
V5
I
XPADVDD
—
SDAVDD
T3
I
—
—
SD_PLL_TPA_ANA
T4
O
—
—
SDAVSS
T5
I
—
—
USB Phy
USB_DP
A11
I/O
USB_VDDA
—
USB_DM
A12
I/O
USB_VDDA
—
Table 70. MPC8315E TEPBGA II Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More