| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8315ECVRAGDA Fiches technique(PDF) 87 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8315ECVRAGDA Fiches technique(HTML) 87 Page - Freescale Semiconductor, Inc |
|
87 / 112 page ![]() MPC8315E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 0 Freescale Semiconductor 87 Package and Pin Listings PINRXPLUSB T28 I VDD1IO — PINTXMINUSA M25 O VDD1IO — PINTXMINUSB P26 O VDD1IO — PINTXPLUSA N25 O VDD1IO — PINTXPLUSB R26 O VDD1IO — SATA_ANAVIZ U26 O — — SATA_CLK_IN V27 I NVDD3_OFF — SATA_VDD N27 I — — SATA_VDD U23 I — — SATA_VSS M27 I — — SATA_VSS V28 I — — VSSRESREF T26 I — — RESREF T25 I — — VDD33ANA U27 I — — VDD33PLL T27 I — — TEST TEST_MODE D6 I NVDD1_ON 6 DEBUG QUIESCE B5 O NVDD1_ON — System Control HRESET B6 I/O NVDD1_ON 1 PORESET A6 I NVDD1_ON — Clocks SYS_XTAL_IN L27 I NVDD2_ON — SYS_XTAL_OUT J28 O NVDD2_ON — SYS_CLK_IN K28 I NVDD2_ON — USB_XTAL_IN A15 I NVDD2_OFF — USB_XTAL_OUT B14 O NVDD2_OFF — USB_CLK_IN B15 I NVDD2_OFF — PCI_SYNC_OUT J27 O NVDD2_ON 3 RTC_CLK K26 I NVDD2_ON — Table 70. MPC8315E TEPBGA II Pinout Listing (continued) Signal Package Pin Number Pin Type Power Supply Notes |