Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MF1ICS50 Fiches technique(PDF) 12 Page - NXP Semiconductors

No de pièce MF1ICS50
Description  Functional specification Public transportation
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1ICS50 Fiches technique(HTML) 12 Page - NXP Semiconductors

Back Button MF1ICS50 Datasheet HTML 8Page - NXP Semiconductors MF1ICS50 Datasheet HTML 9Page - NXP Semiconductors MF1ICS50 Datasheet HTML 10Page - NXP Semiconductors MF1ICS50 Datasheet HTML 11Page - NXP Semiconductors MF1ICS50 Datasheet HTML 12Page - NXP Semiconductors MF1ICS50 Datasheet HTML 13Page - NXP Semiconductors MF1ICS50 Datasheet HTML 14Page - NXP Semiconductors MF1ICS50 Datasheet HTML 15Page - NXP Semiconductors MF1ICS50 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
MF1ICS50_001056
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 5.6 — 24 November 2010
001056
12 of 20
NXP Semiconductors
MF1ICS50
Functional specification
6.7.1 Access conditions
The access conditions for every data block and sector trailer are defined by 3 bits, which
are stored non-inverted and inverted in the sector trailer of the specified sector.
The access bits control the rights of memory access using the secret keys A and B. The
access conditions may be altered, provided one knows the relevant key and the current
access condition allows this operation.
Remark: With each memory access the internal logic verifies the format of the access
conditions. If it detects a format violation the whole sector is irreversible blocked.
Remark: In the following description the access bits are mentioned in the non-inverted
mode only.
The internal logic of the MF1ICS50 ensures that the commands are executed only after an
authentication procedure or never.
Table 2.
Access conditions
Access Bits
Valid Commands
Block
Description
C13 C23 C33
read, write
→
3
sector trailer
C12 C22 C32
read, write, increment, decrement,
transfer, restore
→
2
data block
C11 C21 C31
read, write, increment, decrement,
transfer, restore
→
1
data block
C10 C20 C30
read, write, increment, decrement,
transfer, restore
→
0
data block
Fig 9.
Access conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20