Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9954XP Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce L9954XP
Description  Door actuator driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9954XP Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button L9954XP Datasheet HTML 27Page - STMicroelectronics L9954XP Datasheet HTML 28Page - STMicroelectronics L9954XP Datasheet HTML 29Page - STMicroelectronics L9954XP Datasheet HTML 30Page - STMicroelectronics L9954XP Datasheet HTML 31Page - STMicroelectronics L9954XP Datasheet HTML 32Page - STMicroelectronics L9954XP Datasheet HTML 33Page - STMicroelectronics L9954XP Datasheet HTML 34Page - STMicroelectronics L9954XP Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
L9954 / L9954XP
Package and packing information
Doc ID 14279 Rev 3
31/37
Table 20.
PowerSO-36™ mechanical data
Symbol
Millimeters
Min.
Typ.
Max.
A
3.60
a1
0.10
0.30
a2
3.30
a3
0
0.10
b
0.22
0.38
c
0.23
0.32
D *
15.80
16.00
D1
9.40
9.80
E
13.90
14.5
E1 *
10.90
11.10
E2
2.90
E3
5.80
6.20
e0.65
e3
11.05
G
0
0.10
H
15.50
15.90
h
1.10
L
0.8
1.10
M
N
10 deg
R
s8 deg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37