| Moteur de recherche de fiches techniques de composants électroniques |
|
L9954XP Fiches technique(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9954XP Fiches technique(HTML) 8 Page - STMicroelectronics |
|
8 / 37 page ![]() Block diagram and pin description L9954 / L9954XP 8/37 Doc ID 14279 Rev 3 Figure 2. Configuration diagram (top view) 31 33 OUT4, OUT5 Highside-driver-output 4 and 5 Each output is built by a highside switch and is intended for resistive loads, hence the internal reverse diode from GND to the output is missing. For ESD reason a diode to GND is present but the energy which can be dissipated is limited. Each highside driver is a power DMOS transistor with an internal parasitic reverse diode from each output to VS (bulk-drain-diode). Each output is over-current and open load protected. 15, 16, 17, 20, 21, 22, 23, 24, 29, 30, 34 NC Not connected pins. Table 2. Pin definitions and functions (continued) Pin Symbol Function NC NC GND 1 OUT6 2 OUT1 3 4 5 DI 6 CM / PWM2 7 8 DO 9 Vcc 10 11 Vs 12 NC NC 14 Vs 15 Vs 16 17 18 GND 36 OUT4 35 NC 34 OUT6 33 32 PWM1 31 NC 30 29 CP 28 Vs 27 NC 26 NC 25 NC 24 NC 23 NC 22 GND 21 Vs 20 OUT5 19 Vs OUT3 OUT2 CSN GND 13 CLK PowerSO-36 PowerSSO-36 |