| Moteur de recherche de fiches techniques de composants électroniques |
|
SPZB250 Fiches technique(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPZB250 Fiches technique(HTML) 5 Page - STMicroelectronics |
|
5 / 18 page ![]() SPZB250 Pin setting Doc ID 13919 Rev 6 5/18 3.2 Pin description Table 1. Pin description Pin n Pin name Direction Description 1 GPIO6 I/O Digital I/O ADC2 Analog ADC input 2 TMR2CLK I External clock input of timer 2 TMR1ENMSK I External enable mask of timer1 2 GPIO5 I/O Digital I/O ADC1 Analog ADC input 1 PTI_DATA O Frame signal of PTI (packet trace interface) 3 GPIO4 I/O Digital I/O ADC0 Analog ADC input 0 PTI_EN O Frame signal of PTI (packet trace interface) 4 GPIO3 I/O Digital I/O SSEL I SPI slave select of serial controller SC2 TMR2IB.1 I Capture of input B of timer 1 5 RSTB I Active low reset (an internal pull-up of 30 k Ω typ is provided) 6 GPIO11 I/O Digital I/O CTS I UART CTS handshake of serial controller SC1 MCLK O SPI master clock of serial controller SC1 TMR2IA.1 I Capture of input A of timer 2 7 GPIO12 I/O Digital I/O RTS O UART RTS handshake of serial controller SC1 TMR2IB.1 I Capture of input B of timer 2 8 GPIO0 I/O Digital I/O MOSI O SPI master data out of serial controller SC2 MOSI I SPI slave data in of serial controller SC2 TMR1IA.1 I Capture of input A of timer 1 9 GPIO1 I/O Digital I/O MISO I SPI master data in of serial controller SC2 MISO O SPI slave data out of serial controller SC2 SDA I/O I2C data of serial controller SC2 TMR2IA.2 I Capture of input A of timer 2 |