| Moteur de recherche de fiches techniques de composants électroniques |
|
SPZB250 Fiches technique(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPZB250 Fiches technique(HTML) 7 Page - STMicroelectronics |
|
7 / 18 page ![]() SPZB250 Pin setting Doc ID 13919 Rev 6 7/18 Pin n Pin name Direction Description 21 GPIO16 I/O Digital I/O TMR1OB O Waveform output B of timer 1 TMR2IB.3 I Capture of input B of timer 2 IRQD I External interrupt source D 22 GPIO15 I/O Digital I/O TMR1OA O Waveform output A of timer 1 TMR2IA.3 I Capture of input A of timer 2 IRQC I External interrupt source C 23 GPIO14 I/O Digital I/O TMR2OB O Waveform output B of timer 2 TMR1IB.3 I Capture of input B of timer 1 IRQB I External interrupt source B 24 GPIO13 I/O Digital I/O TMR2OA O Waveform output A of timer 2 TMR1IA.3 I Capture of input A of timer 1 Table 1. Pin description (continued) |