Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LD39080PT-R Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce LD39080PT-R
Description  Ultra low drop BICMOS voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39080PT-R Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button LD39080PT-R Datasheet HTML 12Page - STMicroelectronics LD39080PT-R Datasheet HTML 13Page - STMicroelectronics LD39080PT-R Datasheet HTML 14Page - STMicroelectronics LD39080PT-R Datasheet HTML 15Page - STMicroelectronics LD39080PT-R Datasheet HTML 16Page - STMicroelectronics LD39080PT-R Datasheet HTML 17Page - STMicroelectronics LD39080PT-R Datasheet HTML 18Page - STMicroelectronics LD39080PT-R Datasheet HTML 19Page - STMicroelectronics LD39080PT-R Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Package mechanical data
LD39080
16/20
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
0.80
0.90
1.00
0.031
0.035
0.039
A1
0
0.02
0.05
0
0.001
0.002
A3
0.20
0.008
b
0.23
0.30
0.38
0.009
0.012
0.015
D3.90
4.00
4.10
0.154
0.157
0.161
D2
2.82
3.00
3.23
0.111
0.118
0.127
E3.90
4.00
4.10
0.154
0.157
0.161
E2
2.05
2.20
2.30
0.081
0.087
0.091
e
0.80
0.031
L
0.40
0.50
0.60
0.016
0.020
0.024
DFN8 (4x4) MECHANICAL DATA
7869653B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20