Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LD39080PT-R Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce LD39080PT-R
Description  Ultra low drop BICMOS voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39080PT-R Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button LD39080PT-R Datasheet HTML 10Page - STMicroelectronics LD39080PT-R Datasheet HTML 11Page - STMicroelectronics LD39080PT-R Datasheet HTML 12Page - STMicroelectronics LD39080PT-R Datasheet HTML 13Page - STMicroelectronics LD39080PT-R Datasheet HTML 14Page - STMicroelectronics LD39080PT-R Datasheet HTML 15Page - STMicroelectronics LD39080PT-R Datasheet HTML 16Page - STMicroelectronics LD39080PT-R Datasheet HTML 17Page - STMicroelectronics LD39080PT-R Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Package mechanical data
LD39080
14/20
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
2.2
2.4
0.086
0.094
A1
0.9
1.1
0.035
0.043
A2
0.03
0.23
0.001
0.009
B
0.4
0.6
0.015
0.023
B2
5.2
5.4
0.204
0.212
C
0.45
0.6
0.017
0.023
C2
0.48
0.6
0.019
0.023
D
6
6.2
0.236
0.244
D1
5.1
0.201
E
6.4
6.6
0.252
0.260
E1
4.7
0.185
e
1.27
0.050
G
4.9
5.25
0.193
0.206
G1
2.38
2.7
0.093
0.106
H
9.35
10.1
0.368
0.397
L2
0.8
1
0.031
0.039
L4
0.6
1
0.023
0.039
L5
1
0.039
L6
2.8
0.110
PPAK MECHANICAL DATA
0078180-E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20