Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LD39080DT12-R Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce LD39080DT12-R
Description  Ultra low drop BICMOS voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39080DT12-R Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button LD39080DT12-R Datasheet HTML 12Page - STMicroelectronics LD39080DT12-R Datasheet HTML 13Page - STMicroelectronics LD39080DT12-R Datasheet HTML 14Page - STMicroelectronics LD39080DT12-R Datasheet HTML 15Page - STMicroelectronics LD39080DT12-R Datasheet HTML 16Page - STMicroelectronics LD39080DT12-R Datasheet HTML 17Page - STMicroelectronics LD39080DT12-R Datasheet HTML 18Page - STMicroelectronics LD39080DT12-R Datasheet HTML 19Page - STMicroelectronics LD39080DT12-R Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Package mechanical data
LD39080
18/20
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
99
101
3.898
3.976
T
14.4
0.567
Ao
4.35
0.171
Bo
4.35
0.171
Ko
1.1
0.043
Po
4
0.157
P
8
0.315
Tape & Reel QFNxx/DFNxx (4x4) MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20