Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LD39080DT12-R Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce LD39080DT12-R
Description  Ultra low drop BICMOS voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39080DT12-R Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button LD39080DT12-R Datasheet HTML 9Page - STMicroelectronics LD39080DT12-R Datasheet HTML 10Page - STMicroelectronics LD39080DT12-R Datasheet HTML 11Page - STMicroelectronics LD39080DT12-R Datasheet HTML 12Page - STMicroelectronics LD39080DT12-R Datasheet HTML 13Page - STMicroelectronics LD39080DT12-R Datasheet HTML 14Page - STMicroelectronics LD39080DT12-R Datasheet HTML 15Page - STMicroelectronics LD39080DT12-R Datasheet HTML 16Page - STMicroelectronics LD39080DT12-R Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LD39080
Package mechanical data
13/20
8
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20