| Moteur de recherche de fiches techniques de composants électroniques |
|
STE12PS Fiches technique(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STE12PS Fiches technique(HTML) 38 Page - STMicroelectronics |
|
38 / 44 page ![]() Obsolete Product(s) - Obsolete Product(s) Ball coordinates STE12PS 38/44 10 AA NC 13 K GND 10 AB NC 13 L GND 10 L GND 12 AB P10_3 10 M GND 13 A Vbatref 10 N GND 13 B Vbatmon 10 P GND 13 C AGND 10 W GND 13 D GND 10 Y ACS10 13 J GND 11 A IDET_HVLV 13 M GND 11 AA NC 14 K GND 11 AB P10_1-2 14 L GND 11 B AGND 13 N GND 11 C AGND 13 P GND 11 D gnd 13 W GND 11 J gnd 13 Y FSRp10_3 11 K GND 13 AA NC 11 L GND 13 AB SP10 11 M GND 14 A AGND 11 N GND 14 B AGND 11 P GND 14 C AGND 11 W GND 14 D gnde 11 Y SSRp10 14 J gnd 12 A I_REF 14 M GND 12 AA NC 15 Y FSRp11_3 12 B IMON_HVLV 14 N GND 12 C AGND 14 P GND 12 D gnd 14 W GND 12 J gnd 14 Y FSRp11_1-2 12 K GND 14 AA NC 12 L GND 14 AB NC 12 M GND 15 A RESETN 12 N GND 15 B vdde 12 P GND 15 C vdde 12 W GND 15 D gnde 12 Y FSRp10_1-2 15 W GND Table 13. Pad coordinates (continued) Column Row Pin name Column Row Pin name |