Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAX4772 Fiches technique(PDF) 2 Page - Maxim Integrated Products

No de pièce MAX4772
Description  200mA/500mA Selectable Current-Limit Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4772 Fiches technique(HTML) 2 Page - Maxim Integrated Products

  MAX4772 Datasheet HTML 1Page - Maxim Integrated Products MAX4772 Datasheet HTML 2Page - Maxim Integrated Products MAX4772 Datasheet HTML 3Page - Maxim Integrated Products MAX4772 Datasheet HTML 4Page - Maxim Integrated Products MAX4772 Datasheet HTML 5Page - Maxim Integrated Products MAX4772 Datasheet HTML 6Page - Maxim Integrated Products MAX4772 Datasheet HTML 7Page - Maxim Integrated Products MAX4772 Datasheet HTML 8Page - Maxim Integrated Products MAX4772 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
200mA/500mA Selectable
Current-Limit Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = +2.0V to +4.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VIN = +3.3V, TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN, ON, FLAG, SEL, OUT to GND.............................-0.3V to +6V
OUT Short Circuit to GND .................................Internally Limited
Continuous Power Dissipation (TA = +70°C)
6-Pin SOT23 (derate 8.7mW/°C above +70°C)............696mW
6-Pin TDFN (derate 24.4mW/°C above +70°C) .........1951mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage
VIN
2.0
4.5
V
Quiescent Current
IQ
VON = VIN, switch on
VIN = +3.3V
80
125
µA
Latch-Off Current (Note 2)
ILATCH
VON = VIN, after an
overcurrent fault (MAX4772)
VIN = +3.3V
6
10
µA
Shutdown Current
ISHDN
VON = 0V, SEL = low or floating
0.03
1
µA
SEL = low, VIN = 3.3V, VOUT = GND
200
320
Forward-Current Limit
SEL = high, VIN = 3.3V, VOUT = GND
500
800
mA
SEL = low
320
Reverse-Current Limit
SEL = high
800
mA
ON Input Leakage
-1
+1
µA
Shutdown Forward Leakage
VON = 0V, VOUT = 0V
0.01
1
µA
Shutdown Reverse Leakage
VON = 0V, VIN = 2V, VOUT = 4.5V
1
µA
SEL Pulldown Current
After power-up (VIN > 2V, 0V < VSEL < 0.5V)
30
100
µA
SEL Input Current
Measured after first low-to-high transition
-1
+1
µA
SEL = low, ILOAD = 100mA
0.45
0.9
On-Resistance (Note 3)
RON
SEL = high, ILOAD = 100mA
0.18
0.36
VIN = 2V to 3.6V
1.4
ON, SEL Input Logic High
Voltage
VIH
VIN > 3.6V
2
V
ON, SEL Input Logic Low Voltage
VIL
0.5
V
FLAG Output Logic Low Voltage
ISINK = 1mA
0.4
V
FLAG Output High Leakage
Current
VIN = VFLAG = VON = 4.5V
1
µA
Thermal Shutdown
150
°C
Thermal-Shutdown Hysteresis
15
°C
DYNAMIC
Turn-On Time (Note 4)
VON from low to high, IOUT = 10mA,
CL = 0.1µF
120
µs
Turn-Off Time (Note 4)
VON from high to low, IOUT = 10mA,
CL = 0.1µF
100
ns
Blanking Time
tBLANK
Overcurrent fault (Figures 4 and 5)
14
60
ms



Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com