Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAX4772 Fiches technique(PDF) 8 Page - Maxim Integrated Products

No de pièce MAX4772
Description  200mA/500mA Selectable Current-Limit Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4772 Fiches technique(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4772 Datasheet HTML 2Page - Maxim Integrated Products MAX4772 Datasheet HTML 3Page - Maxim Integrated Products MAX4772 Datasheet HTML 4Page - Maxim Integrated Products MAX4772 Datasheet HTML 5Page - Maxim Integrated Products MAX4772 Datasheet HTML 6Page - Maxim Integrated Products MAX4772 Datasheet HTML 7Page - Maxim Integrated Products MAX4772 Datasheet HTML 8Page - Maxim Integrated Products MAX4772 Datasheet HTML 9Page - Maxim Integrated Products MAX4772 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
The autoretry feature saves system power in the case of
an overcurrent or short-circuit condition. During tBLANK,
when the switch is on, the supply current is at the cur-
rent limit. During tRETRY, when the switch is off, the cur-
rent through the switch is zero. Instead of observing the
full load current, the switch sees the equivalent load
current times duty cycle or ISUPPLY = ILOAD
tBLANK/(tBLANK + tRETRY). With a typical tBLANK =
37ms and typical tRETRY = 555ms, the duty cycle is
6%, which results in a 94% power savings over the
switch being on the entire time. The duty cycle is con-
sistent across the process and devices.
Latch Off (MAX4772)
When the forward or reverse current-limit threshold is
exceeded, tBLANK timer begins counting. The timer
resets if the overcurrent condition disappears before
tBLANK has elapsed. The switch is shut off and FLAG
asserts if the overcurrent condition continues up to the
end of the blanking time. Reset the switch by either tog-
gling ON (Figure 5) or cycling the input voltage (Figure 5).
Fault Blanking
The MAX4772/MAX4773 feature 14ms (min) fault blank-
ing. Fault blanking allows current-limit faults, including
momentary short-circuit faults that occur when hot
swapping a capacitive load, and also ensures that no
fault is issued during power-up. When a load transient
causes the device to enter current limit, an internal
counter starts. If the load-transient fault persists beyond
the fault-blanking timeout, FLAG asserts low. Load-tran-
sient faults less than tBLANK do not cause a FLAG out-
put assertion. Only current-limit faults are blanked.
A thermal fault causes FLAG to assert immediately and
does not wait for the blanking time.
Thermal Shutdown
The MAX4772/MAX4773 have a thermal-shutdown fea-
ture to protect the devices from overheating. The switch
turns off and FLAG goes low immediately (no fault
blanking) when the junction temperature exceeds
+150°C. The switch with autoretry turns back on when
the device temperature drops approximately 15°C. The
switch with the latch off requires ON cycling.
Applications Information
Input Capacitor
To limit the input-voltage drop during momentary output
short-circuit conditions, connect a capacitor from IN to
GND. A 0.1µF ceramic capacitor is adequate for most
applications; however, higher capacitor values further
200mA/500mA Selectable
Current-Limit Switches
8
_______________________________________________________________________________________
Figure 5. MAX4773 Latch-Off Fault Blanking
LOAD
CURRENT
SWITCH
STATUS
ON PIN
VOLTAGE
tBLANK
tBLANK
OFF
ON
(a)
(b)
LOAD
CURRENT
SWITCH
STATUS
IN PIN
VOLTAGE
OFF
ON
tBLANK
tBLANK
FLAG PIN
STATUS
FLAG PIN
STATUS
Figure 4. MAX4773 Autoretry Fault-Blanking Diagram
LOAD
CURRENT
SWITCH
STATUS
FLAG PIN
STATUS
tBLANK
OFF
ON
tRETRY
CURRENT
LIMIT
SHORT
CONDITION
REMOVED
tBLANK
tBLANK



Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com