| Moteur de recherche de fiches techniques de composants électroniques |
|
PD57006STR-E Fiches technique(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PD57006STR-E Fiches technique(HTML) 12 Page - STMicroelectronics |
|
12 / 22 page ![]() Test circuit PD57006-E, PD57006S-E 12/22 Doc ID 12611 Rev 2 5 Test circuit Figure 24. Test circuit schematic Table 8. Test circuit component part list B1, B2 SHORT FERRITE BEAD, FAIR RITE PRODUCTS (2743021446) R2 18 k Ω CHIP RESISTOR 1 W C1, C2, C11, C14 47 pF, 100B ATC CHIP CAPACITOR R3 4.7 m Ω CHIP RESISTOR 1 W C5 1000 pF, 100B ATC CHIP CAPACITOR R4 12 k Ω CHIP RESISTOR 1 W C4, C12 .01 μF, VENKEL CHIP CAPACITOR Z1 0.430” X 0.084” MICROSTRIP C3, C13 220 μF, 63 V ELECTROLYTIC CAPACITOR Z2 0.1.186” X 1.120” MICROSTRIP C10 100 pF, 100B ATC CHIP CAPACITOR Z3 1.273” X 0.565” MICROSTRIP C9 6.2 pF, 100B ATC CHIP CAPACITOR Z4 0.770” X 0.171” MICROSTRIP C7, C8 08-8 pF VARIABLE CAPACITOR JOHANSON Z5 0.880” X 0.105” MICROSTRIP L1 15 nH, 3 TURN, .140” DIA. 22 AWG BELDEN 8021 BLIS PER WIRE Z6 1.200” X 0.084” MICROSTRIP N1, N2 TYPE N FLANGE MOUNT BOARD ROGER ULTRA LAM 2000 THK 0.030” ε r = 2.55 2oz ED Cu BOTH SIDES R1 100 Ω CHIP RESISTOR 1 W |