Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PD57006STR-E Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce PD57006STR-E
Description  RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57006STR-E Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button PD57006STR-E Datasheet HTML 7Page - STMicroelectronics PD57006STR-E Datasheet HTML 8Page - STMicroelectronics PD57006STR-E Datasheet HTML 9Page - STMicroelectronics PD57006STR-E Datasheet HTML 10Page - STMicroelectronics PD57006STR-E Datasheet HTML 11Page - STMicroelectronics PD57006STR-E Datasheet HTML 12Page - STMicroelectronics PD57006STR-E Datasheet HTML 13Page - STMicroelectronics PD57006STR-E Datasheet HTML 14Page - STMicroelectronics PD57006STR-E Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
PD57006-E, PD57006S-E
Typical performance
Doc ID 12611 Rev 2
11/22
Figure 21.
Output power vs supply voltage
Figure 22.
Drain efficiency vs supply voltage
Figure 23.
Output power vs
gate-source voltage
10 12 14 16 18
20 22 24 26 28
30
VDD, SUPPLY VOLTAGE (V)
1
2
3
4
5
6
7
8
945MHz
925MHz
Idq=70mA
Pin=22.7dBm
960MHz
10 12
14
16 18
20
22 24
26
28
30
VDD, SUPPLY VOLTAGE (V)
10
20
30
40
50
60
Idq=70mA
Pin=22.7dBm
945MHz
960MHz
925MHz
01
2
3
4
VGS, GATE-SOURCE VOLTAGE (V)
0
1
2
3
4
5
6
7
8
9
Vdd=28V
Pin=22.7dBm
945MHz
960MHz
925MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22