Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST10F276Z5 Fiches technique(PDF) 76 Page - STMicroelectronics

No de pièce ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Fiches technique(HTML) 76 Page - STMicroelectronics

Back Button ST10F276Z5 Datasheet HTML 72Page - STMicroelectronics ST10F276Z5 Datasheet HTML 73Page - STMicroelectronics ST10F276Z5 Datasheet HTML 74Page - STMicroelectronics ST10F276Z5 Datasheet HTML 75Page - STMicroelectronics ST10F276Z5 Datasheet HTML 76Page - STMicroelectronics ST10F276Z5 Datasheet HTML 77Page - STMicroelectronics ST10F276Z5 Datasheet HTML 78Page - STMicroelectronics ST10F276Z5 Datasheet HTML 79Page - STMicroelectronics ST10F276Z5 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 239 page
background image
Central processing unit (CPU)
ST10F276Z5
76/239
6.3
MAC coprocessor specific instructions
The Table 40 lists the MAC instructions of the ST10F276Z5. The detailed description of
each instruction can be found in the “ST10 Family Programming Manual”. Note that all MAC
instructions are encoded on 4 bytes.
Table 40.
MAC instruction set summary
Mnemonic
Description
CoABS
Absolute Value of the Accumulator
CoADD(2)
Addition
CoASHR(rnd)
Accumulator Arithmetic Shift Right & Optional Round
CoCMP
Compare Accumulator with Operands
CoLOAD(-,2)
Load Accumulator with Operands
CoMAC(R,u,s,-,rnd)
(Un)Signed/(Un)Signed Multiply-Accumulate & Optional Round
CoMACM(R)(u,s,-,rnd)
(Un)Signed/(Un)Signed Multiply-Accumulate with Parallel Data
Move & Optional Round
CoMAX / CoMIN
Maximum / Minimum of Operands and Accumulator
CoMOV
Memory to Memory Move
CoMUL(u,s,-,rnd)
(Un)Signed/(Un)Signed multiply & Optional Round
CoNEG(rnd)
Negate Accumulator & Optional Round
CoNOP
No-Operation
CoRND
Round Accumulator
CoSHL / CoSHR
Accumulator Logical Shift Left / Right
CoSTORE
Store a MAC Unit Register
CoSUB(2,R)
Substraction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More