Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PD55003-E Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce PD55003-E
Description  RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55003-E Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button PD55003-E Datasheet HTML 12Page - STMicroelectronics PD55003-E Datasheet HTML 13Page - STMicroelectronics PD55003-E Datasheet HTML 14Page - STMicroelectronics PD55003-E Datasheet HTML 15Page - STMicroelectronics PD55003-E Datasheet HTML 16Page - STMicroelectronics PD55003-E Datasheet HTML 17Page - STMicroelectronics PD55003-E Datasheet HTML 18Page - STMicroelectronics PD55003-E Datasheet HTML 19Page - STMicroelectronics PD55003-E Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
Common source s-parameter
PD55003-E, PD55003S-E
16/29
Doc ID 12273 Rev 3
8
Common source s-parameter
Table 10.
S-parameter for PD55003-E (VDS = 12.5 V, IDS = 0.15 A)
Freq
(MHz)
IS11IS11∠Φ
IS21IS21∠Φ
IS12IS12 - DF
IS22IS22 - DF
50
0.780
-120
21.77
106
0.038
19
0.669
-111
100
0.764
-144
11.34
88
0.040
-1
0.643
-137
150
0.786
-154
7.47
77
0.040
-10
0.634
-145
200
0.804
-159
5.45
69
0.037
-19
0.660
-149
250
0.817
-163
4.22
61
0.036
-26
0.680
-152
300
0.835
-165
3.36
55
0.034
-31
0.720
-156
350
0.852
-167
2.75
48
0.031
-36
0.766
-158
400
0.865
-169
2.28
43
0.028
-41
0.786
-160
450
0.877
-171
1.92
38
0.027
-45
0.816
-161
500
0.889
-172
1.65
34
0.025
-49
0.827
-163
550
0.899
-174
1.42
30
0.022
-52
0.847
-165
600
0.909
-175
1.24
27
0.021
-51
0.856
-167
650
0.918
-177
1.09
23
0.018
-56
0.874
-169
700
0.924
-178
0.97
20
0.018
-54
0.881
-170
750
0.926
-179
0.87
17
0.016
-61
0.895
-172
800
0.929
180
0.78
15
0.014
-62
0.906
-173
850
0.935
179
0.71
12
0.011
-56
0.916
-174
900
0.938
178
0.65
10
0.011
-63
0.913
-175
950
0.940
177
0.59
8
0.010
-62
0.925
-177
1000
0.941
176
0.55
5
0.007
-69
0.928
-178
1050
0.944
175
0.51
3
0.007
-57
0.925
-180
1100
0.947
174
0.47
1
0.006
-56
0.929
-180
1150
0.946
173
0.44
-1
0.005
-53
0.928
179
1200
0.944
172
0.41
-3
0.004
-40
0.927
178
1250
0.949
171
0.38
-5
0.004
-54
0.928
176
1300
0.949
170
0.36
-7
0.003
-63
0.940
176
1350
0.947
169
0.34
-9
0.001
-15
0.935
175
1400
0.949
168
0.31
-10
0.001
82
0.938
175
1450
0.946
167
0.29
-12
0.002
76
0.933
174
1500
0.948
167
0.27
-12
0.002
124
0.939
173



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29