Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6730 Fiches technique(PDF) 41 Page - STMicroelectronics

No de pièce L6730
Description  Adjustable step-down controller with synchronous rectification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730 Fiches technique(HTML) 41 Page - STMicroelectronics

Back Button L6730_09 Datasheet HTML 37Page - STMicroelectronics L6730_09 Datasheet HTML 38Page - STMicroelectronics L6730_09 Datasheet HTML 39Page - STMicroelectronics L6730_09 Datasheet HTML 40Page - STMicroelectronics L6730_09 Datasheet HTML 41Page - STMicroelectronics L6730_09 Datasheet HTML 42Page - STMicroelectronics L6730_09 Datasheet HTML 43Page - STMicroelectronics L6730_09 Datasheet HTML 44Page - STMicroelectronics L6730_09 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
L6730 - L6730B
L6730 demonstration board
Doc ID 11938 Rev 3
41/52
R14
1K 1% 100mW
Neohm
SMD 0603
IFARCAD
R15
1K 1% 100mW
Neohm
SMD 0603
IFARCAD
R16
4K7 1% 100mW
Neohm
SMD 0603
IFARCAD
R17
N.C.
R18
2.2Ω
Neohm
SMD 0603
IFARCAD
R19
2.2Ω
Neohm
SMD 0603
IFARCAD
R20
10K 1% 100mW
Neohm
SMD 0603
IFARCAD
R21
N.C.
R22
N.C.
R23
0Ω
Neohm
SMD 0603
IFARCAD
C1
220nF
Kemet
SMD 0603
IFARCAD
C3-C7-C9-C15-C21
100nF
Kemet
SMD 0603
IFARCAD
C2
1nF.
Kemet
SMD 0603
IFARCAD
C4-C6
100uF 20V
OSCON 20SA100M
RADIAL 10X10.5
SANYO
C8
4.7uF 20V
AVX
SMA6032
IFARCAD
C10
10nF
Kemet
SMD 0603
IFARCAD
C11
N.C.
C12
47nF
Kemet
SMD 0603
IFARCAD
C13
1.5nF
Kemet
SMD 0603
IFARCAD
C14
4.7nF
Kemet
SMD 0603
IFARCAD
C18-C19
330uF 6.3V
POSCAP 6TPB330M
SMD
SANYO
C20
N.C.
L1
1.8uH
Panasonic
SMD
ST
D1
1N4148
ST
SOT23
IFARCAD
D2
STS1L30M
ST
DO216AA
ST
Q1-Q2
STS12NH3LL
ST
SO8
ST
Q4-Q5
STSJ100NH3LL
ST
SO8
ST
U1
L6730
ST
HTSSOP20
ST
SWITCH
DIP SWITCH 7 POS.
ST
Table 8.
Demonstration board part list (continued)
Reference
Value
Manufacturer
Package
Supplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52