Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6730 Fiches technique(PDF) 40 Page - STMicroelectronics

No de pièce L6730
Description  Adjustable step-down controller with synchronous rectification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730 Fiches technique(HTML) 40 Page - STMicroelectronics

Back Button L6730_09 Datasheet HTML 36Page - STMicroelectronics L6730_09 Datasheet HTML 37Page - STMicroelectronics L6730_09 Datasheet HTML 38Page - STMicroelectronics L6730_09 Datasheet HTML 39Page - STMicroelectronics L6730_09 Datasheet HTML 40Page - STMicroelectronics L6730_09 Datasheet HTML 41Page - STMicroelectronics L6730_09 Datasheet HTML 42Page - STMicroelectronics L6730_09 Datasheet HTML 43Page - STMicroelectronics L6730_09 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
L6730 demonstration board
L6730 - L6730B
40/52
Doc ID 11938 Rev 3
Figure 37.
Demonstration board schematic
Table 8.
Demonstration board part list
Reference
Value
Manufacturer
Package
Supplier
R1
820
Ω
Neohm
SMD 0603
IFARCAD
R2
0
Ω
Neohm
SMD 0603
IFARCAD
R3
N.C.
R4
10Ω 1% 100mW
Neohm
SMD 0603
IFARCAD
R5
11K 1% 100mW
Neohm
SMD 0603
IFARCAD
R6
6K2 1% 100mW
Neohm
SMD 0603
IFARCAD
R7
4K3 1% 100mW
Neohm
SMD 0603
IFARCAD
R8
2K7 1% 100mW
Neohm
SMD 0603
IFARCAD
R9
1K8 1% 100mW
Neohm
SMD 0603
IFARCAD
R10
1K2 1% 100mW
Neohm
SMD 0603
IFARCAD
R11
2K7 1% 100mW
Neohm
SMD 0603
IFARCAD
R12
1K
Neohm
SMD 0603
IFARCAD
R13
2K7 1% 100mW
Neohm
SMD 0603
IFARCAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52