Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M95080-DW6G/S Fiches technique(PDF) 45 Page - STMicroelectronics

No de pièce M95080-DW6G/S
Description  16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95080-DW6G/S Fiches technique(HTML) 45 Page - STMicroelectronics

Back Button M95080-DW6G/S Datasheet HTML 41Page - STMicroelectronics M95080-DW6G/S Datasheet HTML 42Page - STMicroelectronics M95080-DW6G/S Datasheet HTML 43Page - STMicroelectronics M95080-DW6G/S Datasheet HTML 44Page - STMicroelectronics M95080-DW6G/S Datasheet HTML 45Page - STMicroelectronics M95080-DW6G/S Datasheet HTML 46Page - STMicroelectronics M95080-DW6G/S Datasheet HTML 47Page - STMicroelectronics M95080-DW6G/S Datasheet HTML 48Page - STMicroelectronics M95080-DW6G/S Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 50 page
background image
M95160-x, M95080-x
Part numbering
Doc ID 8028 Rev 10
45/50
11
Part numbering
Table 32.
Ordering information scheme
Example:
M95160
–
W MN 6
T
P /S
Device type
M95 = SPI serial access EEPROM
Device function
160 = 16 Kbit (2048 x 8)
080 = 8 Kbit (1024 x 8)
Operating voltage
blank = VCC = 4.5 to 5.5 V
W = VCC = 2.5 to 5.5 V
R = VCC = 1.8 to 5.5 V
F = VCC = 1.7 to 5.5 V
Package
MN = SO8 (150 mil width)
DW = TSSOP8
MB = MLP8 (UFDFPN8)
CS = WLCSP(1)
1.
Preliminary data.
Device grade
6 = Industrial temperature range, –40 to 85 °C.
Device tested with standard test flow
3 = Device tested with high reliability certified flow(2).
Automotive temperature range (–40 to 125 °C)
2.
ST strongly recommends the use of the Automotive Grade devices for use in an automotive environment.
The high reliability certified flow (HRCF) is described in the quality note QNEE9801. Please ask your
nearest ST sales office for a copy.
Option
blank = Standard packing
T = Tape and reel packing
Plating technology
G or P = ECOPACK® (RoHS compliant)
Process(3)
3.
The Process letter (/G or /S) applies only to Range 3 devices. For Range 6 devices, the process letters do
not appear in the Ordering Information but only appear on the device package (marking) and on the
shipment box. Please contact your nearest ST Sales Office. For more information on how to identify
products by the Process Identification Letter, please refer to AN2043: Serial EEPROM Device Marking.
/G or /S = F6SP36%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com