Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M95080-DW6G/S Fiches technique(PDF) 43 Page - STMicroelectronics

No de pièce M95080-DW6G/S
Description  16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95080-DW6G/S Fiches technique(HTML) 43 Page - STMicroelectronics

Back Button M95080-DW6G/S Datasheet HTML 39Page - STMicroelectronics M95080-DW6G/S Datasheet HTML 40Page - STMicroelectronics M95080-DW6G/S Datasheet HTML 41Page - STMicroelectronics M95080-DW6G/S Datasheet HTML 42Page - STMicroelectronics M95080-DW6G/S Datasheet HTML 43Page - STMicroelectronics M95080-DW6G/S Datasheet HTML 44Page - STMicroelectronics M95080-DW6G/S Datasheet HTML 45Page - STMicroelectronics M95080-DW6G/S Datasheet HTML 46Page - STMicroelectronics M95080-DW6G/S Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 50 page
background image
M95160-x, M95080-x
Package mechanical data
Doc ID 8028 Rev 10
43/50
Figure 20.
WLCSP-R 1.350 x 1.365 mm 0.4 mm pitch 8 bumps, package outline
1.
Primary datum Z and seating plane are defined by the spherical crowns of the bump.
2.
Drawing is not to scale.
3.
Preliminary data.
Table 30.
WLCSP-R 1.350 x 1.365 mm 0.4 mm pitch 8 bumps, package mechanical
data(1)
1.
Preliminary data.
Symbol
millimeters
inches(2)
2.
Values in inches are converted from mm and rounded to 4 decimal digits.
Typ
Min
Max
Typ
Min
Max
A
0.545
0.490
0.600
0.0193
0.0215
0.0236
A1
0.190
0.0075
A2
0.355
0.014
b(3)
3.
Dimension is measured at the maximum bump diameter parallel to primary datum Z.
0.270
0.240
0.300
0.0106
0.0094
0.0118
D
1.350
1.475
0.0531
0.0581
E
1.365
1.490
0.0537
0.0587
e
0.400
0.0157
e1
0.800
0.0315
F
0.282
0.0111
G
0.275
0.0108
N (total number of
terminals)
88
aaa
0.110
0.0043
eee
0.060
0.0024
1C_ME
Wafer back side
Side view
Bump side
Detail A
Rotated 90˚
Seating plane
(see note 1)
b
Orientation
reference
D
E
Orientation
reference
Detail A
e1
e
G
e
F
e1
32
1
C
B
A
A2
A
Bump
eee Z
A1
Z
aaa
(×4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com