| Moteur de recherche de fiches techniques de composants électroniques |
|
430 Fiches technique(PDF) 39 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
430 Fiches technique(HTML) 39 Page - Intel Corporation |
|
39 / 71 page ![]() Datasheet 39 Package Mechanical Specifications and Pin Information Table 13. Pin Listing by Pin Name Pin Name Pin Number Signal Buffer Type Direction A[3]# J4 Source Synch Input/ Output A[4]# L4 Source Synch Input/ Output A[5]# M3 Source Synch Input/ Output A[6]# K5 Source Synch Input/ Output A[7]# M1 Source Synch Input/ Output A[8]# N2 Source Synch Input/ Output A[9]# J1 Source Synch Input/ Output A[10]# N3 Source Synch Input/ Output A[11]# P5 Source Synch Input/ Output A[12]# P2 Source Synch Input/ Output A[13]# L1 Source Synch Input/ Output A[14]# P4 Source Synch Input/ Output A[15]# P1 Source Synch Input/ Output A[16]# R1 Source Synch Input/ Output A[17]# Y2 Source Synch Input/ Output A[18]# U5 Source Synch Input/ Output A[19]# R3 Source Synch Input/ Output A[20]# W6 Source Synch Input/ Output A[21]# U4 Source Synch Input/ Output A[22]# Y5 Source Synch Input/ Output A[23]# U2 Source Synch Input/ Output A[24]# R4 Source Synch Input/ Output A[25]# T5 Source Synch Input/ Output A[26]# T3 Source Synch Input/ Output A[27]# W3 Source Synch Input/ Output A[28]# W5 Source Synch Input/ Output A[29]# Y4 Source Synch Input/ Output A[30]# W2 Source Synch Input/ Output A[31]# Y1 Source Synch Input/ Output A20M# A6 CMOS Input ADS# H1 Common Clock Input/ Output ADSTB[0]# L2 Source Synch Input/ Output ADSTB[1]# V4 Source Synch Input/ Output BCLK[0] A22 Bus Clock Input BCLK[1] A21 Bus Clock Input BNR# E2 Common Clock Input/ Output BPM[0]# AD4 Common Clock Input/ Output BPM[1]# AD3 Common Clock Output BPM[2]# AD1 Common Clock Output BPM[3]# AC4 Common Clock Input/ Output BPRI# G5 Common Clock Input BR0# F1 Common Clock Input/ Output BSEL[0] B22 CMOS Output BSEL[1] B23 CMOS Output BSEL[2] C21 CMOS Output COMP[0] R26 Power/Other Input/ Output Table 13. Pin Listing by Pin Name Pin Name Pin Number Signal Buffer Type Direction |