| Moteur de recherche de fiches techniques de composants électroniques |
|
347 Fiches technique(PDF) 39 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
347 Fiches technique(HTML) 39 Page - Intel Corporation |
|
39 / 95 page ![]() Datasheet 39 Package Mechanical Specifications 3.9 Processor Land Coordinates Figure 9 shows the top view of the processor land coordinates. The coordinates are referred to throughout the document to identify processor lands. . § § Figure 9. Processor Land Coordinates and Quadrants (Top View) 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 A B C D E F G H J K L M N P R T U V W Y AA AB AC AD AE AF AG AH AJ AK AL AM AN A B C D E F G H J K L M N P R T U V W Y AA AB AC AD AE AF AG AH AJ AK AL AM AN 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 Socket 775 Quadrants Top View V CC / VSS V TT / Clocks Data Address/ Common Clock/ Async |