| Moteur de recherche de fiches techniques de composants électroniques |
|
340 Fiches technique(PDF) 25 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
340 Fiches technique(HTML) 25 Page - Intel Corporation |
|
25 / 82 page ![]() Datasheet 25 Electrical Specifications NOTES: 1. The loadline specification includes both static and transient limits except for overshoot allowed as shown in Section 2.12. 2. This loadline specification shows the deviation from the VID set point. 3. The loadlines specify voltage limits at the die measured at the VCC_SENSE and VSS_SENSE pins. Voltage regulation feedback for voltage regulator circuits must be taken from processor VCC and VSS pins. Refer to the Voltage Regulator-Down (VRD) 10.0 Design Guidelines for Desktop Socket 478 for socket loadline guidelines and VR implementation details. Figure 2-2. VCC Static and Transient Tolerance VID - 0.000 VID - 0.050 VID - 0.100 VID - 0.150 VID - 0.200 VID - 0.250 VID - 0.300 0 5 10 15 20 25 30 35 40 45 50 55 60 65 70 Icc [A] Vcc Typical Vcc Maximum Vcc Minimum |