Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

340 Fiches technique(PDF) 73 Page - Intel Corporation

No de pièce 340
Description  Celeron D Processor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

340 Fiches technique(HTML) 73 Page - Intel Corporation

Back Button 340 Datasheet HTML 69Page - Intel Corporation 340 Datasheet HTML 70Page - Intel Corporation 340 Datasheet HTML 71Page - Intel Corporation 340 Datasheet HTML 72Page - Intel Corporation 340 Datasheet HTML 73Page - Intel Corporation 340 Datasheet HTML 74Page - Intel Corporation 340 Datasheet HTML 75Page - Intel Corporation 340 Datasheet HTML 76Page - Intel Corporation 340 Datasheet HTML 77Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 82 page
background image
Datasheet
73
Boxed Processor Specifications
7
Boxed Processor Specifications
The Celeron D processor is also offered as a boxed Intel processor. Boxed Intel processors are
intended for system integrators who build systems from baseboards and standard components. The
boxed Celeron D processor will be supplied with a cooling solution. This chapter documents
baseboard and system requirements for the cooling solution that will be supplied with the boxed
Celeron D processor. This chapter is particularly important for OEMs that manufacture baseboards
for system integrators. Unless otherwise noted, all figures in this chapter are dimensioned in
millimeters and inches [in brackets]. Figure 7-1 shows a mechanical representation of a boxed
Celeron D processor.
• Drawings in this section reflect only the specifications on the boxed Intel processor product.
These dimensions should not be used as a generic keep-out zone for all cooling solutions. It is
the system designer's responsibility to consider their proprietary cooling solution when
designing to the required keep-out zone on their system platform and chassis. Refer to the
Intel
® Pentium 4 Processor on 90 nm Process Thermal Design Guidelines for further
guidance. Contact your local Intel Sales Representative for this document.
NOTE: The airflow of the fan heatsink is into the center and out of the sides of the fan heatsink.
Figure 7-1. Mechanical Representation of the Boxed Intel® Celeron® D Processor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82