| Moteur de recherche de fiches techniques de composants électroniques |
|
PSD813F1A Fiches technique(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD813F1A Fiches technique(HTML) 16 Page - STMicroelectronics |
|
16 / 111 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) PSD813F1A 16/111 DEVELOPMENT SYSTEM The PSD is supported by PSDsoft Express a Win- dows-based (95, 98, NT) software development tool. A PSD design is quickly and easily produced in a point and click environment. The designer does not need to enter Hardware Definition Lan- guage (HDL) equations (unless desired) to define PSD pin functions and memory map information. The general design flow is shown in Figure 6 be- low. PSDsoft Express is available from our web site (www.st.com/psm) or other distribution chan- nels. PSDsoft Express directly supports two low cost device programmers from ST, PSDpro and Flash- LINK (JTAG). Both of these programmers may be purchased through your local distributor/represen- tative, or directly from our web site using a credit card. The PSD is also supported by third party de- vice programmers, see web site for current list. Figure 6. PSDsoft Express Development Tool Define PSD Pin and Node functions Define General Purpose Logic in CPLD ST PSD Programmer *.OBJ FILE Point and click definition of PSD pin functions, internal nodes, and MCU system memory map PSDPro, or FlashLINK (JTAG) Point and click definition of combinatorial and registered logic in CPLD. Access to HDL is available if needed Choose MCU and PSD Automatically configures MCU bus interface and other PSD attributes C Code Generation Generate C Code Specific to PSD Functions User's choice of Microcontroller Compiler/Linker *.OBJ file available for 3rd party programmers (Conventional or JTAG-ISC) MCU Firmware Hex or S-Record format AI09215 Merge MCU Firmware with PSD Configuration A composite object file is created containing MCU firmware and PSD configuration. |