Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPR1620CG Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce STPR1620CG
Description  ULTRA-FAST RECOVERY RECTIFIER DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPR1620CG Fiches technique(HTML) 4 Page - STMicroelectronics

  STPR1620CG_02 Datasheet HTML 1Page - STMicroelectronics STPR1620CG_02 Datasheet HTML 2Page - STMicroelectronics STPR1620CG_02 Datasheet HTML 3Page - STMicroelectronics STPR1620CG_02 Datasheet HTML 4Page - STMicroelectronics STPR1620CG_02 Datasheet HTML 5Page - STMicroelectronics STPR1620CG_02 Datasheet HTML 6Page - STMicroelectronics STPR1620CG_02 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
STPR1620CG / STPR1620CT / STPR1620CR
4/7
H
Fig. 7: Junction capacitance versus reverse
voltage applied (typical values, per diode).
Fig. 8: Recovery charges versus dIF/dt (per
diode).
Fig. 10: Dynamic parameters versus junction
temperature (per diode).
Fig. 9: Peak reverse current versus dIF/dt (per
diode).
0
2
4
6
8
101214161820
0
10
20
30
40
50
60
70
80
S(Cu) (cm²)
Rth(j-a) (°C/W)
Fig. 11: Thermal resistance junction to ambient
versus copper surface under tab (epoxy printed
circuit board, CU = 35µs) (STPR1620CG only).



Html Pages

1 2 3 4 5 6 7