Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPR1620CG Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce STPR1620CG
Description  ULTRA-FAST RECOVERY RECTIFIER DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPR1620CG Fiches technique(HTML) 3 Page - STMicroelectronics

  STPR1620CG_02 Datasheet HTML 1Page - STMicroelectronics STPR1620CG_02 Datasheet HTML 2Page - STMicroelectronics STPR1620CG_02 Datasheet HTML 3Page - STMicroelectronics STPR1620CG_02 Datasheet HTML 4Page - STMicroelectronics STPR1620CG_02 Datasheet HTML 5Page - STMicroelectronics STPR1620CG_02 Datasheet HTML 6Page - STMicroelectronics STPR1620CG_02 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
STPR1620CG / STRP1620CT / STPR1620CR
3/7
Fig. 2: Peak current versus form factor (per diode).
Fig. 3: Average
current
versus
ambient
temperature (
δ : 0.5, per diode).
Fig. 4: Non repetitive surge peak forward current
versus overload duration (maximum values, per
diode).
Fig. 1: Average forward power dissipation versus
average forward current (per diode).
Fig. 5: Relative variation of thermal transient
impedance junction to case versus pulse duration
(per diode).
Fig. 6: Forward voltage drop versus forward
current (maximum values, per diode).



Html Pages

1 2 3 4 5 6 7