Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L78S09 Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce L78S09
Description  2 A positive voltage regulators
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78S09 Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button L78S09 Datasheet HTML 26Page - STMicroelectronics L78S09 Datasheet HTML 27Page - STMicroelectronics L78S09 Datasheet HTML 28Page - STMicroelectronics L78S09 Datasheet HTML 29Page - STMicroelectronics L78S09 Datasheet HTML 30Page - STMicroelectronics L78S09 Datasheet HTML 31Page - STMicroelectronics L78S09 Datasheet HTML 32Page - STMicroelectronics L78S09 Datasheet HTML 33Page - STMicroelectronics L78S09 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
Typical performance
L78Sxx, L78SxxC
30/39
Doc ID 2148 Rev 4
Note:
Q2 is connected as a diode in order to compensate the variation of the Q1 VBE with the
temperature. C allows a slow rise time of the VO.
Figure 35.
Adjustable output voltage with temperature compensation
VO = VXX (1+R2/R1) + VBE
Figure 36.
Light controllers (VOmin = VXX + VBE)
VO rises when the light goes up
VO falls when the light goes up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39