| Moteur de recherche de fiches techniques de composants électroniques |
|
L78S09 Fiches technique(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L78S09 Fiches technique(HTML) 7 Page - STMicroelectronics |
|
7 / 39 page ![]() L78Sxx, L78SxxC Maximum ratings Doc ID 2148 Rev 4 7/39 3 Maximum ratings Note: Absolute maximum ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied. Table 2. Absolute maximum ratings Symbol Parameter Value Unit VI DC input voltage for VO= 5 to 18V 35 V for VO= 24V 40 IO Output current Internally limited PD Power dissipation Internally limited TSTG Storage temperature range -65 to 150 °C TOP Operating junction temperature range for L78Sxx -55 to 150 °C for L78SxxC 0 to 150 Table 3. Thermal data Symbol Parameter TO-220 TO-3 Unit RthJC Thermal resistance junction-case 5 4 °C/W RthJA Thermal resistance junction-ambient 50 35 °C/W Figure 4. Application circuits |