| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC24FJ16GA Fiches technique(PDF) 16 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FJ16GA Fiches technique(HTML) 16 Page - Microchip Technology |
|
16 / 262 page ![]() PIC24FJ64GA004 FAMILY DS39881C-page 14 Preliminary © 2008 Microchip Technology Inc. RA0 2 27 19 I/O ST PORTA Digital I/O. RA1 3 28 20 I/O ST RA2 9 6 30 I/O ST RA3 10 7 31 I/O ST RA4 12 9 34 I/O ST RA7 — — 13 I/O ST RA8 — — 32 I/O ST RA9 — — 35 I/O ST RA10 — — 12 I/O ST RB0 4 1 21 I/O ST PORTB Digital I/O. RB1 5 2 22 I/O ST RB2 6 3 23 I/O ST RB3 7 4 24 I/O ST RB4 11 8 33 I/O ST RB5 14 11 41 I/O ST RB6 15 12 42 I/O ST RB7 16 13 43 I/O ST RB8 17 14 44 I/O ST RB9 18 15 1 I/O ST RB10 21 18 8 I/O ST RB11 22 19 9 I/O ST RB12 23 20 10 I/O ST RB13 24 21 11 I/O ST RB14 25 22 14 I/O ST RB15 26 23 15 I/O ST RC0 — — 25 I/O ST PORTC Digital I/O. RC1 — — 26 I/O ST RC2 — — 27 I/O ST RC3 — — 36 I/O ST RC4 — — 37 I/O ST RC5 — — 38 I/O ST RC6 — — 2 I/O ST RC7 — — 3 I/O ST RC8 — — 4 I/O ST RC9 — — 5 I/O ST TABLE 1-2: PIC24FJ64GA004 FAMILY PINOUT DESCRIPTIONS (CONTINUED) Function Pin Number I/O Input Buffer Description 28-Pin SPDIP/ SSOP/SOIC 28-Pin QFN 44-Pin QFN/TQFP Legend: TTL = TTL input buffer ST = Schmitt Trigger input buffer ANA = Analog level input/output I2C™ = I2C/SMBus input buffer Note 1: Alternative multiplexing when the I2C1SEL Configuration bit is cleared. |