| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC24FJ16GA Fiches technique(PDF) 86 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FJ16GA Fiches technique(HTML) 86 Page - Microchip Technology |
|
86 / 262 page ![]() PIC24FJ64GA004 FAMILY DS39881C-page 84 Preliminary © 2008 Microchip Technology Inc. REGISTER 6-30: IPC18: INTERRUPT PRIORITY CONTROL REGISTER 18 U-0 U-0 U-0 U-0 U-0 U-0 U-0 U-0 — — — — — — — — bit 15 bit 8 U-0 U-0 U-0 U-0 U-0 R/W-1 R/W-0 R/W-0 — — — — — LVDIP2 LVDIP1 LVDIP0 bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-3 Unimplemented: Read as ‘0’ bit 2-0 LVDIP2:LVDIP0: Low-Voltage Detect Interrupt Priority bits 111 = Interrupt is priority 7 (highest priority interrupt) • • • 001 = Interrupt is priority 1 000 = Interrupt source is disabled |