| Moteur de recherche de fiches techniques de composants électroniques |
|
L2720 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L2720 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 10 page ![]() L2720/2/4 July 2003 LOW DROP DUAL POWER OPERATIONAL AMPLIFIERS ® . OUTPUT CURRENT TO 1 A . OPERATES AT LOW VOLTAGES . SINGLE OR SPLIT SUPPLY . LARGE COMMON-MODE AND DIFFEREN- TIAL MODE RANGE . LOW INPUT OFFSET VOLTAGE . GROUND COMPATIBLE INPUTS . LOW SATURATION VOLTAGE . THERMAL SHUTDOWN . CLAMP DIODE DESCRIPTION The L2720, L2722 and L2724 are monolithic inte- grated circuits in powerdip, minidip and SIP-9 pack- ages, intended for use as power operational ampli- fiers in a wide range of applications including servo amplifiers and power supplies. They are particularly indicated for driving, inductive loads, as motor and finds applications in compact- disc VCR automotive, etc. The high gain and high output power capability pro- vide superior performance whatever an operational amplifier/power booster combination is required. POWERDIP (8 + 8) MINIDIP (Plastic) SIP9 ORDERING NUMBERS : L2720 (Powerdip) L2722 (Minidip) L2724 (SIP9) 1/10 PIN CONNECTIONS (top views) L2720 L2722 L2724 |
Numéro de pièce similaire - L2720 |
|
Description similaire - L2720 |