Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L2720 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce L2720
Description  LOW DROP DUAL POWER OPERATIONAL AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L2720 Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button L2720 Datasheet HTML 2Page - STMicroelectronics L2720 Datasheet HTML 3Page - STMicroelectronics L2720 Datasheet HTML 4Page - STMicroelectronics L2720 Datasheet HTML 5Page - STMicroelectronics L2720 Datasheet HTML 6Page - STMicroelectronics L2720 Datasheet HTML 7Page - STMicroelectronics L2720 Datasheet HTML 8Page - STMicroelectronics L2720 Datasheet HTML 9Page - STMicroelectronics L2720 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Figure 12 : Bidirectional Speed Control of DC Motors
2R3 . R1
For circuit stability ensure that RX >
where RM = internal resistance of motor.
RM
VS
2R3 . R1
The voltage available at the terminals of the motor is VM = 2 (VI
−
) + |RO|. IM where |RO| =
2
RX
and IM is the motor current.
Figure 13 : VHS-VCR Motor Control Circuit
L2720/2/4
6/10



Html Pages

1 2 3 4 5 6 7 8 9 10