| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8532 Fiches technique(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8532 Fiches technique(HTML) 9 Page - NXP Semiconductors |
|
9 / 44 page ![]() PCF8532_1 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 1 — 10 February 2009 9 of 44 NXP Semiconductors PCF8532 Universal LCD driver for low multiplex rates 7.4.2 1:2 multiplex drive mode When two backplanes are provided in the LCD, the 1:2 multiplex mode applies. The PCF8532 allows the use of 1 ⁄ 2 bias or 1 ⁄ 3 bias in this mode as shown in Figure 5 and Figure 6. Vstate1(t) = VSn(t) − VBP0(t). Von(RMS) = 0.791VLCD. Vstate2(t) = VSn(t) − VBP1(t). Voff(RMS) = 0.354VLCD. Fig 5. Waveforms for the 1:2 multiplex drive mode with 1 ⁄2 bias mgl746 state 1 BP0 (a) Waveforms at driver. (b) Resultant waveforms at LCD segment. LCD segments state 2 BP1 state 2 state 1 VSS VLCD VLCD / 2 VSS VSS VLCD VLCD VSS VLCD VLCD VLCD 0 V 0 V VLCD / 2 VLCD / 2 VLCD / 2 −VLCD −VLCD −VLCD / 2 −VLCD / 2 S n Sn+1 Tfr |