Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8532 Fiches technique(PDF) 39 Page - NXP Semiconductors

No de pièce PCF8532
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8532 Fiches technique(HTML) 39 Page - NXP Semiconductors

Back Button PCF8532 Datasheet HTML 35Page - NXP Semiconductors PCF8532 Datasheet HTML 36Page - NXP Semiconductors PCF8532 Datasheet HTML 37Page - NXP Semiconductors PCF8532 Datasheet HTML 38Page - NXP Semiconductors PCF8532 Datasheet HTML 39Page - NXP Semiconductors PCF8532 Datasheet HTML 40Page - NXP Semiconductors PCF8532 Datasheet HTML 41Page - NXP Semiconductors PCF8532 Datasheet HTML 42Page - NXP Semiconductors PCF8532 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
PCF8532_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 1 — 10 February 2009
39 of 44
NXP Semiconductors
PCF8532
Universal LCD driver for low multiplex rates
The dummy pads are connected to the segments shown (see Table 21) but are not tested.
The alignment marks are shown in Table 22.
S51
83
1729.7
481.5
S146
182
−2126.7
−481.5
S52
84
1675.7
481.5
S147
183
−2072.7
−481.5
S53
85
1621.7
481.5
S148
184
−2018.7
−481.5
S54
86
1567.7
481.5
S149
185
−1964.7
−481.5
S55
87
1513.7
481.5
S150
186
−1910.7
−481.5
S56
88
1459.7
481.5
S151
187
−1856.7
−481.5
S57
89
1405.7
481.5
S152
188
−1802.7
−481.5
S58
90
1351.7
481.5
S153
189
−1748.7
−481.5
S59
91
1297.7
481.5
S154
190
−1694.7
−481.5
S60
92
1243.7
481.5
S155
191
−1640.7
−481.5
S61
93
1189.7
481.5
S156
192
−1586.7
−481.5
S62
94
1135.7
481.5
S157
193
−1532.7
−481.5
S63
95
1081.7
481.5
S158
194
−1478.7
−481.5
S64
96
1027.7
481.5
S159
195
−1424.7
−481.5
S65
97
973.7
481.5
BP3
196
−1370.7
−481.5
S66
98
858.2
481.5
BP1
197
−1316.7
−481.5
S67
99
804.2
481.5
-
-
-
-
Table 21.
Dummy pads
Symbol
Connected to pin
X (
µm)
Y (
µm)
D1
S131
−3079.2
−481.5
D2
S28
3065.9
−481.5
D3
S29
3121.7
481.5
D4
S130
−3094.7
481.5
Table 22.
Alignment marks
Symbol
Size (
µm)
X (
µm)
Y (
µm)
S1
121.5
× 121.5
−2733.75
−47.25
C1
121.5
× 121.5
2603.7
−47.25
Fig 25. Alignment marks
Table 20.
Pin locations
Symbol
Pad
X (
µm)
Y (
µm)
Symbol
Pad
X (
µm)
Y (
µm)
001aah849
REF
REF
C1
S1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44