Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS22SDP2 Fiches technique(PDF) 12 Page - Texas Instruments

No de pièce SS22SDP2
Description  Contains all support circuitry needed for the ADS1174/ADS1274
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SS22SDP2 Fiches technique(HTML) 12 Page - Texas Instruments

Back Button SS22SDP2 Datasheet HTML 8Page - Texas Instruments SS22SDP2 Datasheet HTML 9Page - Texas Instruments SS22SDP2 Datasheet HTML 10Page - Texas Instruments SS22SDP2 Datasheet HTML 11Page - Texas Instruments SS22SDP2 Datasheet HTML 12Page - Texas Instruments SS22SDP2 Datasheet HTML 13Page - Texas Instruments SS22SDP2 Datasheet HTML 14Page - Texas Instruments SS22SDP2 Datasheet HTML 15Page - Texas Instruments SS22SDP2 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
9
ADS1274EVM-PDK Kit Operation
9.1
Installing the ADCPro Software
ADS1274EVM-PDK Kit Operation
www.ti.com
This section provides information on using the ADS1274EVM-PDK, including setup, program installation,
and program usage.
To prepare to evaluate the ADS1274 with the ADS1274EVM-PDK, complete the following steps:
Step 1.
Install the ADCPro software (if not already installed) on a PC.
Step 2.
Install the ADS1274EVM-PDK EVM plug-in software.
Step 3.
Set up the ADS1274EVM-PDK.
Step 4.
Connect a proper power supply or use the included AC adapter.
Step 5.
Complete the NI-VISA™ USB driver installation process.
Step 6.
Run the ADCPro software.
Step 7.
Complete the Microsoft Windows USB driver installation process.
Each task is described in the subsequent sections of this document.
CAUTION
Do not connect the ADS1274EVM-PDK before installing the software on a
suitable PC. Failure to observe this caution may cause Microsoft Windows to
not recognize the ADS1274EVM-PDK.
The latest software is available from the TI website at www.ti.com/. The CD-ROM shipped with the
ADS1274EVM may not contain the latest software, but the ADCPro installer will check for updates when
executed (if connected to the Internet), and then give you the option of downloading and installing the
latest version. Refer to the ADCPro User Guide for instructions on installing and using ADCPro.
To install the ADS1274EVM-PDK plug-in, run the file: ads1274evm-pdk-plugin-1.0.0.exe (1.0.0 is the
version number, and increments with software version releases: you may have a different version on your
CD). Double-click the file to run it; then follow the instructions shown. You can also utilize the ADCPro
Update Check feature to check for newer versions of the ADS1274EVM-PDK plug-in, once you have
installed one version of it.
The software should now be installed, but the USB drivers may not yet have been loaded by the PC
operating system. This step will complete when the ADCPro software is executed; see Section 9.4,
Running the Software and Completing Driver Installation.
ADS1174EVM, ADS1274EVM, ADS1174EVM-PDK, and ADS1274EVM-PDK
12
SBAU134A – August 2008 – Revised May 2009
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48