| Moteur de recherche de fiches techniques de composants électroniques |
|
SS22SDP2 Fiches technique(PDF) 9 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SS22SDP2 Fiches technique(HTML) 9 Page - Texas Instruments |
|
9 / 48 page ![]() 8 EVM Operation 8.1 Analog Input www.ti.com EVM Operation Figure 6. Jumper J19 The following section provides information on the analog input, digital control, and general operating conditions of the ADS1274EVM. The analog input sources (channels 1-4) can be applied directly to J9 (top or bottom side) or through signal-conditioning modules available for the the modular EVM system. Terminal block J7 is connected in parallel with the analog signal connections to J9. Each input signal can be selected to connect directly to the analog inputs of the ADS1274 or they can use the OPA1632 buffers that are provided. Switches S2-5 can be switched away from the ADS1274 to select the Terminal Block (TBK) or towards the ADS1274 to select the Amplifier (AMP) for the analog inputs 1 through 4 as shown in Figure 7. Figure 7. Amplifier Selection Switches SBAU134A – August 2008 – Revised May 2009 ADS1174EVM, ADS1274EVM, ADS1174EVM-PDK, and ADS1274EVM-PDK 9 Submit Documentation Feedback |