Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B82803 Fiches technique(PDF) 4 Page - EPCOS

No de pièce B82803
Description  xDSL splitter transformers EP 7 core inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

B82803 Fiches technique(HTML) 4 Page - EPCOS

  B82803 Datasheet HTML 1Page - EPCOS B82803 Datasheet HTML 2Page - EPCOS B82803 Datasheet HTML 3Page - EPCOS B82803 Datasheet HTML 4Page - EPCOS B82803 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
xDSL splitter transformers
EP 7 core inductors
B82803
IN TCF PMD NA
2010-06-01
Please read Cautions and warnings and
Page 4 of 5
Important notes at the end of this document
.
Cautions and warnings
Please note the recommendations in our Inductors data book (latest edition) and in the data sheets
- Particular attention should be paid to the derating curves given there.
- The soldering conditions should be observed. Temperatures quoted in relation to wave soldering
refer to the pin, not the housing.
If the components are to be washed varnished it is necessary to check whether the washing varnish
agent that is used has a negative effect on the wire insulation, any plastics that are used, or on glued
joints. In particular, it is possible for washing varnish agent residues to have a negative effect in the
long-term on wire insulation.
The following points must be observed if the components are potted in customer applications:
- Many potting materials shrink as they harden. They therefore exert a pressure on the plastic
housing or core. This pressure can have a deleterious effect on electrical properties, and in
extreme cases can damage the core or plastic housing mechanically.
- It is necessary to check whether the potting material used attacks or destroys the wire insulation,
plastics or glue.
- The effect of the potting material can change the high-frequency behaviour of the components.
Ferrites are sensitive to direct impact. This can cause the core material to flake, or lead to breakage
of the core.
Even for customer-specific products, conclusive validation of the component in the circuit can only be
carried out- Even for customer-specific products, conclusive validation of the component in the circuit
can only be carried out by the customer. by the customer.



Html Pages

1 2 3 4 5