| Moteur de recherche de fiches techniques de composants électroniques |
|
B82803 Fiches technique(PDF) 1 Page - EPCOS |
|
|
|||||||||||||||||||||||||||||
B82803 Fiches technique(HTML) 1 Page - EPCOS |
|
1 / 5 page ![]() xDSL splitter transformers EP 7 core inductors Series/Type: B82803 Ordering code: Date: 2010-06-01 Version: 1 EPCOS AG 2010. Reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited. Content of header bars 1 and 2 of data sheet will be automatically entered in headers and footers! Please fill in the table and then change the color to "white". This ensures that the table disappears (invisible) for the customer PDF. Don't change formatting when entering or pasting text in the table and don't add any cell or line in and to it! Identification/Classification 1 (header 1 + top left bar): xDSL splitter transformers Identification/Classification 2 (header 2 + bottom left header bar): EP 7 core inductors Ordering code: (top right header bar) Series/Type: (bottom right header bar) B82803 Preliminary data (optional): (if necessary) Department: IN TCF PMD NA Date: 2010-06-01 Version: 1 |
Numéro de pièce similaire - B82803 |
|
Description similaire - B82803 |