Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B32504 Fiches technique(PDF) 40 Page - EPCOS

No de pièce B32504
Description  Film Capacitors Metallized Polyester Film Capacitors (MKT)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

B32504 Fiches technique(HTML) 40 Page - EPCOS

Back Button B32504 Datasheet HTML 36Page - EPCOS B32504 Datasheet HTML 37Page - EPCOS B32504 Datasheet HTML 38Page - EPCOS B32504 Datasheet HTML 39Page - EPCOS B32504 Datasheet HTML 40Page - EPCOS B32504 Datasheet HTML 41Page - EPCOS B32504 Datasheet HTML 42Page - EPCOS B32504 Datasheet HTML 43Page - EPCOS B32504 Datasheet HTML 44Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
3
Embedding of capacitors in finished assemblies
In many applications, finished circuit assemblies are embedded in plastic resins. In this case,
both chemical and thermal influences of the embedding ("potting") and curing processes must be
taken into account.
Our experience has shown that the following potting materials can be recommended: non-flexible
epoxy resins with acid-anhydride hardeners; chemically inert, non-conducting fillers; maximum
curing temperature of 100
°C.
Caution:
Consult us first if you wish to embed uncoated types!
B32520 ... B32529
General purpose (stacked/wound)
Page 40 of 46
Please read Important notes
at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46