| Moteur de recherche de fiches techniques de composants électroniques |
|
B32632 Fiches technique(PDF) 22 Page - EPCOS |
|
|
|||||||||||||||||||||||||||||
B32632 Fiches technique(HTML) 22 Page - EPCOS |
|
22 / 29 page ![]() 2 Cleaning To determine whether the following solvents, often used to remove flux residues and other sub- stances, are suitable for the capacitors described, refer to the table below: Type Ethanol, isopropanol, n-propanol n-propanol-water mixtures, water with surface tension-reducing tensides (neutral) Solvent from table A (see next page) Solvent from table B (see next page) MKT (uncoated) Suitable Unsuitable In part suitable Unsuitable MKT, MKP, MFP (coated/boxed) Suitable Suitable Even when suitable solvents are used, a reversible change of the electrical characteristics may occur in uncoated capacitors immediately after they are washed. Thus it is always recommended to dry the components (e.g. 4 h at 70 °C) before they are subjected to subsequent electrical test- ing. Table A Manufacturers' designations for trifluoro-trichloro-ethane-based cleaning solvents (selection) Trifluoro-trichloro- ethane Mixtures of trifluoro-trichloro-ethane with ethanol and isopropanol Manufacturer Freon TF Freon TE 35; Freon TP 35; Freon TES Du Pont Frigen 113 TR Frigen 113 TR-E; Frigen 113 TR-P; Frigen TR-E 35 Hoechst Arklone P Arklone A; Arklone L; Arklone K ICI Kaltron 113 MDR Kaltron 113 MDA; Kaltron 113 MDI; Kaltron 113 MDI 35 Kali-Chemie Flugene 113 Flugene 113 E; Flugene 113 IPA Rhone-Progil Table B (worldwide banned substances) Manufacturers' designations for unsuitable cleaning solvents (selection) Mixtures of chlorinated hydrocarbons and ketones with fluorated hydrocarbons Manufacturer Freon TMC; Freon TA; Freon TC Du Pont Arklone E ICI Kaltron 113 MDD; Kaltron 113 MDK Kali-Chemie Flugene 113 CM Rhone-Progil B32632 ... B32634 Very high pulse (wound) Page 22 of 29 Please read Cautions and warnings and Important notes at the end of this document. |